Part Number Hot Search : 
LD1014D 1202E 0M000 1N4082 SMAJ17A MBR15 CVCO3 AD802
Product Description
Full Text Search
 

To Download SBR1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR1020 THRU SBR1060
Features
* Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 * Metal silicon junction, majority carrier conduction * Guard ring for overvoltage protection * Low power loss, high efficiency * High current capability, Low forward voltage drop * Single rectifier construction * High surge capability * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 250E /10 seconds, 0.25" (6.35mm) from case
CURRENT 10.0Amperes VOLTAGE 20 to 60 Volts
TO-220A
.412 (10.5) MAX. .180 3.8 f +.2 HOLE THRU (4.6) .248 (6.3) .595 (15.1) MAX. .550 .158 (14.0) (4.0) MIN. MAX. .200 (5.08)
+
.108 (2.75) .040 (1.0) MAX. .051 MAX. (1.3) .040 MAX. (1.0)
.050 (1.27)
Mechanical Data
* Case : JEDEC TO-220 molded plastic body * Terminals : Lead solderable per MIL-STD-750, Method 2026 * Polarity : As marked * Mounting Position : Any * Weight : 0.08ounce, 2.24 grams
PIN 1
+
CASE PIN 2 Case Positive
+ CASE PIN 2 Case Negative Suffix "R"
PIN 1
.120 (3.05)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive load. For capacitive load, derate by 20%)
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking Voltage Maximum average forward rectified current (see Fig. 1) Repetitive peak forward current(square wavr, 20KHZ) at Tc=105E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 10A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note1) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range TA=25E TA=125E IR ReJC TJ TSTG VRRM VRMS VDC I(AV) IFRM IFSM
SBR1020
20 14 20
SBR1030
30 21 30
SBR1040
40 28 40 10.0 20.0 150.0
SBR1050
50 35 50
SBR1060
60 42 60
Units Volts Volts Volts Amps Amps Amps
VF
0.70 1.0 30 2.5 -65 to +150 -65 to +150
0.80
Volts mA E /W E E
Notes:
(1) Pulse test: 300i S pulse width, 1% duty cycle (2) Thermal resistance from junction to case
RATINGS AND CHARACTERISTIC CURVES SBR1020 THRU SBR1060
FIG.1-FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
12
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
175 150
PEAK FORWARD SURGE CURRENT (AMPERES)
10 8 6 4 2 0 0 20 40 60 80 100 120 150 LEAD TEMPERATURE (E )
| | SBR1050-SBR1060 - - - SBR1020-SBR1040
RESISTIVE OR INDUCTIVE LOAD
125 100 75 50 25 0.1 1 NUMBER OF CYCLES AT 60Hz 10 100
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
TJ=125E
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10
TJ=125E
INSTANTANEOUS FORWARD CURRENT (AMPERES)
10
INSTANTANEOUS REVERSE CURRENT MILL (AMPERES)
1
TJ=25E
PULSE WIDTH=300A 1% DUTY CYCLE
1
TJ=75E
0.1
0.1
| | SBR1050-SBR1060 - - - SBR1020-SBR1040
0.01
TJ=25E | | SBR1050-SBR1060 - - - SBR1020-SBR1040
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE (VOLTS) 0.001 0 20 40 60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
4000
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
TJ=25E f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE,E / W
JUNCTION CAPACITANCE (pF)
10
1000
1
| | SBR1050-SBR1060 - - - SBR1020-SBR1040
100 0.1 1 10 100 REVERSE VOLTAGE. VOLTS
0.1 0.01 0.1 1 T, PULSE DURATION, sec. 10 100


▲Up To Search▲   

 
Price & Availability of SBR1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X